Part Number Hot Search : 
5KP54APT 5188J C74HC2 M3055 SPC564 SMBJ24 20ETF F9530
Product Description
Full Text Search
 

To Download 0738002000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0738002000 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Midplane Header, Vertical, SMC, PressFit, Long Pin, Open End Option, 72 Circuits
Documents: Drawing (PDF) Product Specification PS-73780-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 73800 Midplane PCB Header hdm HDM(R) N/A
image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 72 72 Black, Natural 250 No No None Gold Tin-Lead High Temperature Thermoplastic 12 Open Pin Field 6 Vertical 0.453 In 11.50 mm No Yes 0.156 In 3.95 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 35.2 0.88 No No Yes -55C to +105C
Search Parts in this Series 73800Series Mates With 73632 HDM PLUS(R) Board-to-Board Daughtercard Receptacle. 73780 HDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for 0622013700 Pneumatic Press
Electrical
Current - Maximum per Contact 1A
Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum
1.0 Gbps 75 No 250V AC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-0868 Product Specification PS-73780-999 Sales Drawing SD-73800-001 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0738002000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X